| データシートサーチシステム |
|
MPC5668X データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5668X データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 66 page ![]() Pin Assignments MPC5668x Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 21 PJ1 PJ[1] eMIOS[14] PCS_A[5] 129 00 01 10 11 Port J GPIO eMIOS Channel DSPI_A Peripheral Chip Select — I/O I/O O — VDDE4 SH — — T7 T7 PJ2 PJ[2] eMIOS[13] PCS_B[1] 130 00 01 10 11 Port J GPIO eMIOS Channel DSPI_B Peripheral Chip Select — I/O I/O O — VDDE4 SH — — R8 R8 PJ3 PJ[3] eMIOS[12] PCS_B[2] 131 00 01 10 11 Port J GPIO eMIOS Channel DSPI_B Peripheral Chip Select — I/O I/O O — VDDE4 SH — — T8 T8 PJ4 PJ[4] eMIOS[11] PCS_C[3] 132 00 01 10 11 Port J GPIO eMIOS Channel DSPI_C Peripheral Chip Select — I/O I/O O — VDDE4 SH — — R9 R9 PJ5 PJ[5] eMIOS[10] PCS_C[4] 133 00 01 10 11 Port J GPIO eMIOS Channel DSPI_C Peripheral Chip Select — I/O I/O O — VDDE4 SH — — T9 T9 PJ6 PJ[6] eMIOS[09] PCS_D[5] 134 00 01 10 11 Port J GPIO eMIOS Channel DSPI_D Peripheral Chip Select — I/O I/O O — VDDE4 SH — — R10 R10 PJ7 PJ[7] eMIOS[08] PCS_D[1] 135 00 01 10 11 Port J GPIO eMIOS Channel DSPI_D Peripheral Chip Select — I/O I/O O — VDDE4 SH — — T10 T10 PJ8 PJ[8] eMIOS[07] 136 00 01 10 11 Port J GPIO eMIOS Channel — — I/O I/O — — VDDE4 SH — — T11 T11 PJ9 PJ[9] eMIOS[06] 137 00 01 10 11 Port J GPIO eMIOS Channel — — I/O I/O — — VDDE4 SH — — R11 R11 PJ10 PJ[10] eMIOS[05] 138 00 01 10 11 Port J GPIO eMIOS Channel — — I/O I/O — — VDDE4 SH — — N12 N12 PJ11 PJ[11] eMIOS[04] 139 00 01 10 11 Port J GPIO eMIOS Channel — — I/O I/O — — VDDE4 SH — — P12 P12 Table 2. MPC5668x Signal Properties (continued) Pin Name1 Supported Functions2 GPIO (PCR) Num3 PA4 Description I/O Type Volt- age Pad Type5 Status Package Pin Locations During Reset6 After Reset7 208 BGA 256 BGA |