| データシートサーチシステム |
|
MPC8379ECVRALGA データシート(PDF) 58 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379ECVRALGA データシート(HTML) 58 Page - Freescale Semiconductor, Inc |
|
58 / 114 page ![]() MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 58 Freescale Semiconductor Serial ATA (SATA) Figure 39 provides the AC test load for PCI. Figure 39. PCI AC Test Load Figure 40 shows the PCI input AC timing conditions. Figure 40. PCI Input AC Timing Measurement Conditions Figure 41 shows the PCI output AC timing conditions. Figure 41. PCI Output AC Timing Measurement Condition 15 Serial ATA (SATA) This section describes the DC and AC electrical specifications for the serial ATA (SATA) of the MPC8379E. Note that the external cabled applications or long backplane applications (Gen1x and Gen2x) are not supported. Output Z0 = 50 Ω OVDD/2 RL = 50 Ω tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output tPCKHOX |