| データシートサーチシステム |
|
MPC8378ECVRANGA データシート(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRANGA データシート(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 28 Freescale Semiconductor Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 8.3.1.1 SGMII Transmit AC Timing Specifications Table 27 provides the SGMII transmit AC timing targets. Source synchronous clocking is not supported. 8.3.1.2 SGMII Receive AC Timing Specifications Table 28 provides the SGMII receive AC timing specifications. Source synchronous clocking is not supported; the clock is recovered from the data. Table 27. SGMII Transmit AC Timing Specifications At recommended operating conditions with XVDD_SRDS = 1.0 V ± 5%. Parameter Symbol Min Typical Max Unit Notes Deterministic Jitter JD — — 0.17 UIp-p — Total Jitter JT — — 0.35 UIp-p — Unit Interval UI 799.92 800 800.08 ps 1 VOD fall time (80%-20%) tfall 50 — 120 ps — VOD rise time (20%-80%) trise 50 — 120 ps — Notes: 1 Each UI is 800 ps ± 100 ppm. Table 28. SGMII Receive AC Timing Specifications At recommended operating conditions with XVDD_SRDS = 1.0 V ± 5%. Parameter Symbol Min Typical Max Unit Notes Deterministic jitter tolerance JD 0.37 — — UIp-p 1 Combined deterministic and random jitter tolerance JDR 0.55 — — UIp-p 1 Sinusoidal jitter tolerance JSIN 0.1 — — UIp-p 1 Total jitter tolerance JT 0.65 — — UIp-p 1 Bit error ratio BER — — 10-12 —— Unit interval UI 799.92 800 800.08 ps 2 AC-coupling capacitor CTX 5 — 200 nF 3 Note: 1 Measured at the receiver. 2 Each UI is 800 ps ± 100 ppm. 3 The external AC coupling capacitor is required. It’s recommended to be placed near the device transmitter outputs. |