| データシートサーチシステム |
|
NJW1112 データシート(PDF) 7 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJW1112 データシート(HTML) 7 Page - New Japan Radio |
|
7 / 13 page ![]() NJW1112 – 7 – Ver.0.2 INITIAL CONDITION MSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 0 0 0 0 * * * * 0 0 0 0 0 0 0 0 0 0 0 1 * * * * 0 0 0 0 0 0 0 0 0 0 1 0 * * * * 0 0 0 0 0 0 0 0 0 0 1 1 * * * * LSB Note.) This product starts up by MUTE setting in power “ON”. Use it after removing MUTE of each setting. If any audio signal is inputted in input signal terminal before power “ON”, it may cause initial condition abnormality. In conditions of use such as the above, it prevents that abnormality by setting MUTE before power “OFF" CONTROL DATA Selector : Selector for the stereo inputs from InA1/B1 to InA8/B8 OutSW : Output ON/OFF setting D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Don’t Care OutSW1 Selector1 0 0 0 0 * * * * Don’t Care OutSW2 Selector2 0 0 0 1 * * * * Don’t Care OutSW3 Selector3 0 0 1 0 * * * * Don’t Care OutSW4 Selector4 0 0 1 1 * * * * a) Selector Data D11 D10 D9 D8 Setting 0 0 0 0 Mute ( ) 0 0 0 1 InA1/B1 0 0 1 0 InA2/B2 0 0 1 1 InA3/B3 0 1 0 0 InA4/B4 0 1 0 1 InA5/B5 0 1 1 0 InA6/B6 0 1 1 1 InA7/B7 1 0 0 0 InA8/B8 ( )Initial Setting b) OutSW Data D12 Setting 0 Output ON ( ) 1 Output OFF ( )Initial Setting |