| データシートサーチシステム |
|
MPC8379ECVRALDA データシート(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379ECVRALDA データシート(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 114 page ![]() MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 46 Freescale Semiconductor Enhanced Secure Digital Host Controller (eSDHC) This means that clock can be delayed versus data up to 15 ns (external delay line) in ideal case of tSFSCLKL =20 ns: tCLK_DELAY + 5 – 0 < 20 + tDATA_DELAY tCLK_DELAY < 15 + tDATA_DELAY 11.2.1.3 Full-Speed Write Combined Formula The following equation is the combined formula to calculate the allowed skew range between the SD_CLK and SD_DAT/CMD signals on the PCB. tCLK_DELAY + tIH – tSFSKHOX < tSFSCKL + tDATA_DELAY < tSFSCK+ tCLK_DELAY – tISU – tSFSKHOV 11.2.2 Full-Speed Input Path (Read) Figure 28 provides the data and command input timing diagram. Figure 28. Full Speed Input Path 11.2.2.1 Full-Speed Read Meeting Setup (Maximum Delay) The following equations show how to calculate the allowed combined propagation delay range of the SD_CLK and SD_DAT/CMD signals on the PCB. tCLK_DELAY + tDATA_DELAY + tODLY + tSFSIVKH < tSFSCK tCLK_DELAY + tDATA_DELAY < tSFSCK – tODLY – tSFSIVKH – tINT_CLK_DLY 11.2.2.2 Full-Speed Read Meeting Hold (Minimum Delay) There is no minimum delay constraint due to the full clock cycle between the driving and sampling of data. tCLK_DELAY + tOH + tDATA_DELAY > tSFSIXKH tCLK_DELAY Output from the SD CLK at the Card Pin SD Card Pins tSFSIVKH tSFSIXKH Driving Edge Sampling Edge tOH tDATA_DELAY tODLY tSFSCK (Clock Cycle) (MPC8379E Input Hold) SD CLK at the MPC8379E Pin Input at the MPC8379E Pins |