| データシートサーチシステム |
|
PCIMX512CJM6C データシート(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C データシート(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 52 Freescale Semiconductor Preliminary—Subject to Change Without Notice Electrical Characteristics WE34 WE_B Invalid to CSx_B Invalid WE7 – WE9 + (WEN – CSN) — 3 – (WEN_CSN) ns WE35 CSx_B Valid to OE_B Valid WE10 – WE6 + (OEA – CSA) — 3 + (OEA – CSA) ns WE36 OE_B Invalid to CSx_B Invalid WE7 – WE11 + (OEN – CSN) — 3 – (OEN – CSN) ns WE37 CSx_B Valid to BEy_B Valid (Read access) WE12 – WE6 + (RBEA – CSA) — 3 + (RBEA4 – CSA) ns WE38 BEy_B Invalid to CSx_B Invalid (Read access) WE7 – WE13 + (RBEN – CSN) — 3 – (RBEN5 – CSN) ns WE39 CSx_B Valid to ADV_B Valid WE14 – WE6 + (ADV – CSA) — 3 + (ADVA – CSA) ns WE40 ADV_B Invalid to CSx_B Invalid (ADVL is asserted) WE7 – WE15 – CSN — 3 – CSN ns WE41 CSx_B Valid to Output Data Valid WE16 – WE6 – WCSA — 3 – WCSA ns WE42 Output Data Invalid to CSx_B Invalid WE17 – WE7 – CSN — 3 – CSN ns WE43 Input Data Valid to CSx_B Invalid MAXCO + MAXDI MAXCO6 + MAXDI7 —ns WE44 CSx_B Invalid to Input Data invalid 00 — ns WE45 CSx_B Valid to BEy_B Valid (Write access) WE12 – WE6 + (WBEA – CSA) — 3 + (WBEA – CSA) ns WE46 BEy_B Invalid to CSx_B Invalid (Write access) WE7 – WE13 + (WBEN – CSN) — –3 + (WBEN – CSN) ns WE47 Dtack Valid to CSx_B Invalid MAXCO + MAXDTI MAXCO6 + MAXDTI8 —ns WE48 CSx_B Invalid to Dtack invalid 0 0 — ns 1 Parameters WE4... WE21 value see in the Table 41. 2 CS Assertion. This bit field determines when CS signal is asserted during read/write cycles. 3 CS Negation. This bit field determines when CS signal is negated during read/write cycles. 4 BE Assertion. This bit field determines when BE signal is asserted during read cycles. 5 BE Negation. This bit field determines when BE signal is negated during read cycles. 6 Output maximum delay from internal driving the FFs to chip outputs. The Max. delay between all memory controls (addr, csx_b, oe_b, we_b, bey_b, and adv_b) 7 Maximum delay from chip input data to internal FFs. The max. delay between all data input pins. 8 DTACK maximum delay from chip input data to internal FF. Table 41. WEIM Asynchronous Timing Parameters Table Relative Chip Select (continued) ID Parameter Determination by Synchronous Measured Parameters 1 Min Max Unit |