| データシートサーチシステム |
|
PCIMX513CJM6C データシート(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C データシート(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 184 page ![]() Electrical Characteristics i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 97 Preliminary—Subject to Change Without Notice Figure 61. 3-Wire Serial Interface Timing Diagram Figure 62 depicts timing diagram of the 4-wire serial interface. For this interface, there are separate input and output data lines both inside and outside the chip. Figure 62. 4-Wire Serial Interface Timing Diagram Preamble DISPB_D#_CS DISPB_SD_D_CLK DISPB_SD_D RW RS Input or output data D7 D6 D5 D4 D3 D2 D1 D0 programed delay programed delay Preamble DISPB_D#_CS DISPB_SD_D_CLK DISPB_SD_D RW RS Output data D7 D6 D5 D4 D3 D2 D1 D0 DISPB_SD_D (Output) (Input) Preamble DISPB_D#_CS DISPB_SD_D_CLK DISPB_SD_D RW RS Input data DISPB_SD_D D7 D6 D5 D4 D3 D2 D1 D0 (Output) (Input) Write Read programed delay programed delay programed delay programed delay |