| データシートサーチシステム |
|
PCIMX515CJM6C データシート(PDF) 141 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C データシート(HTML) 141 Page - Freescale Semiconductor, Inc |
|
141 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 141 Preliminary—Subject to Change Without Notice 4.1.2.2 13 × 13 mm Signal Assignments, Power Rails, and I/O Table 111 shows signal assignment connect list including the associated power supplies. Table 115 on page 172 lists the contacts that can be overridden with fuse settings. VDDGP E10, J9, J10, J11, J12, K8, K9, K10, K11, K12, L6, L8, L9, L10, L11, L12, M6, M8, M9, M10 VREF U6 VREFOUT AB20 VREG L24 Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 AUD3_BB_CK C9 NVCC_PER9 GPIO Input Keeper AUD3_BB_FS C8 NVCC_PER9 GPIO Input Keeper AUD3_BB_RXD B8 NVCC_PER9 GPIO Input Keeper AUD3_BB_TXD B7 NVCC_PER9 GPIO Input Keeper BOOT_MODE0 W22 NVCC_PER3 LVIO Input 100 k Ω pull-up BOOT_MODE1 AA24 NVCC_PER3 LVIO Input 100 k Ω pull-up CKIH1 AB24 NVCC_PER3 Analog Input Analog CKIH2 AA23 NVCC_PER3 Analog Input Analog CKIL AA22 NVCC_SRTC_POW GPIO Input Standard CMOS CLK_SS Y22 NVCC_PER3 LVIO Input 100 k Ω pull-up COMP AC20 AHVDDRGB Analog Input Analog CSI1_D10 R24 NVCC_HS10 HSGPIO Input Keeper CSI1_D11 R25 NVCC_HS10 HSGPIO Input Keeper CSI1_D12 P22 NVCC_HS10 HSGPIO Input Keeper CSI1_D13 P23 NVCC_HS10 HSGPIO Input Keeper CSI1_D14 P24 NVCC_HS10 HSGPIO Input Keeper CSI1_D15 P25 NVCC_HS10 HSGPIO Input Keeper CSI1_D16 N24 NVCC_HS10 HSGPIO Input Keeper CSI1_D17 N25 NVCC_HS10 HSGPIO Input Keeper CSI1_D18 N23 NVCC_HS10 HSGPIO Input Keeper CSI1_D19 N22 NVCC_HS10 HSGPIO Input Keeper Table 110. 13 × 13 mm Ground, Power, Sense, and Reference Contact Assignments (continued) Contact Name Contact Assignment |