| データシートサーチシステム |
|
PCIMX515CJM6C データシート(PDF) 143 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C データシート(HTML) 143 Page - Freescale Semiconductor, Inc |
|
143 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 143 Preliminary—Subject to Change Without Notice DI1_PIN13 W24 NVCC_IPU2 GPIO Output High DI1_PIN15 G20 NVCC_IPU6 GPIO Output High DI1_PIN2 J18 NVCC_IPU6 GPIO Output High DI1_PIN3 H20 NVCC_IPU6 GPIO Output High DI2_DISP_CLK J24 NVCC_IPU7 GPIO Output High DI2_PIN2 H24 NVCC_IPU7 GPIO Output High DI2_PIN3 J25 NVCC_IPU7 GPIO Output High DI2_PIN4 J23 NVCC_IPU7 GPIO Input Keeper DISP1_DAT0 T23 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT1 T22 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT102 E24 NVCC_IPU4 GPIO Input Keeper DISP1_DAT112 E25 NVCC_IPU4 GPIO Input Keeper DISP1_DAT122 E22 NVCC_IPU4 GPIO Input Keeper DISP1_DAT132 E23 NVCC_IPU4 GPIO Input Keeper DISP1_DAT142 D22 NVCC_IPU4 GPIO Input Keeper DISP1_DAT152 F22 NVCC_IPU4 GPIO Input Keeper DISP1_DAT162 F23 NVCC_IPU5 GPIO Input Keeper DISP1_DAT172 F24 NVCC_IPU5 GPIO Input Keeper DISP1_DAT182 G23 NVCC_IPU5 GPIO Input Keeper DISP1_DAT192 G22 NVCC_IPU5 GPIO Input Keeper DISP1_DAT2 T24 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT202 G25 NVCC_IPU5 GPIO Input Keeper DISP1_DAT212 F25 NVCC_IPU5 GPIO Input Keeper DISP1_DAT222 G24 NVCC_IPU5 GPIO Input Keeper DISP1_DAT232 H25 NVCC_IPU5 GPIO Input Keeper DISP1_DAT3 T25 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT4 R23 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT5 R22 NVCC_HS6 HSGPIO Input Keeper DISP1_DAT62 D25 NVCC_IPU4 GPIO Input Keeper DISP1_DAT72 D24 NVCC_IPU4 GPIO Input Keeper DISP1_DAT82 C23 NVCC_IPU4 GPIO Input Keeper DISP1_DAT92 D23 NVCC_IPU4 GPIO Input Keeper Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |