データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCIMX515CJM6C データシート(PDF) 165 Page - Freescale Semiconductor, Inc

部品番号 PCIMX515CJM6C
部品情報  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C データシート(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 164Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 165Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 166Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 167Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 168Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
Package Information and Contact Assignments
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
165
Preliminary—Subject to Change Without Notice
DRAM_D26
H2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D27
J5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D28
G1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D29
G2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D3
R1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D30
G3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D31
G4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D4
R4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D5
P5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D6
P4
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D7
N5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D8
N2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_D9
N1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_DQM0
P3
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_DQM1
M2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_DQM2
K2
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_DQM3
H5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_RAS
W1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_SDCKE0
AA1
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_SDCKE1
W5
NVCC_EMI_DRAM
DDR2
Output
High
DRAM_SDCLK
T3
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDCLK_B
T4
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS0
P2
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS0_B
P1
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS1
N4
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS1_B
N3
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS2
J1
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS2_B
J2
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS3
H3
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDQS3_B
H4
NVCC_EMI_DRAM
DDR2CLK
Output
High
DRAM_SDWE
U5
NVCC_EMI_DRAM
DDR2
Output
High
EIM_A162
AA9
NVCC_EMI
GPIO
Input
100 k
Ω pull-up
Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer Type
Direction after
Reset1
Configuraton
after Reset1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More