| データシートサーチシステム |
|
PCIMX515CJM6C データシート(PDF) 167 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C データシート(HTML) 167 Page - Freescale Semiconductor, Inc |
|
167 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 167 Preliminary—Subject to Change Without Notice EIM_D29 Y8 NVCC_EMI GPIO Input Keeper EIM_D30 AC9 NVCC_EMI GPIO Input Keeper EIM_D31 W7 NVCC_EMI GPIO Input Keeper EIM_DA0 AC15 NVCC_EMI GPIO Input Keeper EIM_DA1 V13 NVCC_EMI GPIO Input Keeper EIM_DA10 AC13 NVCC_EMI GPIO Input Keeper EIM_DA11 V11 NVCC_EMI GPIO Input Keeper EIM_DA12 AA12 NVCC_EMI GPIO Input Keeper EIM_DA13 W11 NVCC_EMI GPIO Input Keeper EIM_DA14 AB12 NVCC_EMI GPIO Input Keeper EIM_DA15 Y11 NVCC_EMI GPIO Input Keeper EIM_DA2 AA14 NVCC_EMI GPIO Input Keeper EIM_DA3 AB14 NVCC_EMI GPIO Input Keeper EIM_DA4 AC14 NVCC_EMI GPIO Input Keeper EIM_DA5 Y13 NVCC_EMI GPIO Input Keeper EIM_DA6 AA13 NVCC_EMI GPIO Input Keeper EIM_DA7 W13 NVCC_EMI GPIO Input Keeper EIM_DA8 AB13 NVCC_EMI GPIO Input Keeper EIM_DA9 Y12 NVCC_EMI GPIO Input Keeper EIM_DTACK Y5 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_EB0 V12 NVCC_EMI GPIO Output High EIM_EB1 W12 NVCC_EMI GPIO Output High EIM_EB2 V10 NVCC_EMI GPIO Input Keeper EIM_EB3 V9 NVCC_EMI GPIO Input Keeper EIM_LBA AC2 NVCC_EMI GPIO Output High EIM_OE AA7 NVCC_EMI GPIO Output High EIM_RW AB3 NVCC_EMI GPIO Output High EIM_SDBA0 V1 NVCC_EMI_DRAM DDR2 Output High EIM_SDBA1 U3 NVCC_EMI_DRAM DDR2 Output High EIM_SDBA2 F1 NVCC_EMI_DRAM DDR2 Output High EIM_SDODT0 F3 NVCC_EMI_DRAM DDR2 Output High EIM_SDODT1 F2 NVCC_EMI_DRAM DDR2 Output High Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |