| データシートサーチシステム |
|
MPC8378ECVRANDA データシート(PDF) 64 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRANDA データシート(HTML) 64 Page - Freescale Semiconductor, Inc |
|
64 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 64 Freescale Semiconductor PCI Express Figure 43 provides the AC test load for PCI. Figure 43. PCI AC Test Load Figure 44 shows the PCI input AC timing conditions. Figure 44. PCI Input AC Timing Measurement Conditions Figure 45 shows the PCI output AC timing conditions. Figure 45. PCI Output AC Timing Measurement Condition 15 PCI Express This section describes the DC and AC electrical specifications for the PCI Express bus. 15.1 DC Requirements for PCI Express SD_REF_CLK and SD_REF_CLK For more information see Section 20, “High-Speed Serial Interfaces (HSSI).” Output Z0 = 50 Ω OVDD/2 RL = 50 Ω tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output tPCKHOX |