| データシートサーチシステム |
|
SC73P2602SC2 データシート(PDF) 19 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73P2602SC2 データシート(HTML) 19 Page - Silan Microelectronics Joint-stock |
|
19 / 28 page ![]() HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.1 2009.11.19 Http: //www.silan.com.cn Page 19 of 28 ORG 100H ;pseudo instruction for redefining address of following instructions MAIN: NOP NOP CALLS SUB1 CALLS SUB2 …… SUB1: …… SUB2: …… PSEUDO INSTRUCTIONS 1. ORG 【 Format】 ORG address 【 Function】 Redefine following start address 【 Expression】 Address: redefined address, can be binary, decimal or hexadecimal. Redefined address is an absolute address and should be higher than that above, or a fault is occurred during compiling. 0000H is defaulted if no address is set by ORG instruction. 【 Example】 ORG 0100H 2. EQU 【 Format】 Symbol EQU digital 【 Function】 Define a digital as a symbol. Symbol = digital. 【 Expression】 Symbol should be legal (begin as a letter and composed by letters, digital and underline), and digital should be binary, decimal or hexadecimal. There is no colone before EQU in definition, and it can only be used after the definition. 【 Example】 Data1 EQU 12H Data2 EQU 1001B 3. DB 【 Format】 [Num] DB data 【 Function】 Define data with number of num. |