データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAS1634 データシート(PDF) 2 Page - Micro Analog systems

部品番号 MAS1634
部品情報  Quad LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAS [Micro Analog systems]
ホームページ  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1634 データシート(HTML) 2 Page - Micro Analog systems

  MAS1634 Datasheet HTML 1Page - Micro Analog systems MAS1634 Datasheet HTML 2Page - Micro Analog systems MAS1634 Datasheet HTML 3Page - Micro Analog systems MAS1634 Datasheet HTML 4Page - Micro Analog systems MAS1634 Datasheet HTML 5Page - Micro Analog systems MAS1634 Datasheet HTML 6Page - Micro Analog systems MAS1634 Datasheet HTML 7Page - Micro Analog systems MAS1634 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 (8)
DA1634.001
28 November, 2008
BLOCK DIAGRAM
&
VDD1
VDD2
GND1
GND2
IN1
IN2
IN3
IN4
XPD
DUMMY
OUT1
OUT2
OUT3
OUT4
MAS1634
4 x LED Driver
Figure 1.
MAS1634 Block Diagram
Figure
1
presents
MAS1634
block
diagram.
MAS1634 consists of four fixed current sink outputs
for driving VDD connected LEDs. Each LED driver
can be turned on or off independently. There is also
common power-down control pin XPD which is
active when low.
The dummy pad is electrically unconnected and its
only purpose is to make the pad layout symmetrical
which helps in making the flip-chip connection even
more reliable.
VDD1 and VDD2 power supply pins are internally
connected
making
only
one
supply
voltage
connection necessary. Also GND1 and GND2 pins
are internally connected so that it is necessary to
connect only one of the two ground pins to supply
ground.



Html Pages

1 2 3 4 5 6 7 8