| データシートサーチシステム |
|
MAS6501 データシート(PDF) 16 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6501 データシート(HTML) 16 Page - Micro Analog systems |
|
16 / 16 page ![]() DA6501.001 27 October 2008 16 (16) ORDERING INFORMATION Product Code Product Description MAS6501BA1WA300 16-Bit A/D-Converter EWS-tested wafer, Thickness 400 µm. MAS6501BA1ST206 16-Bit A/D-Converter TSSOP-16, Pb-free, RoHS compliant, Tape & Reel Contact Micro Analog Systems Oy for other wafer thickness options. LOCAL DISTRIBUTOR MICRO ANALOG SYSTEMS OY CONTACTS Micro Analog Systems Oy Kamreerintie 2, P.O. Box 51 FIN-02771 Espoo, FINLAND Tel. +358 9 80 521 Fax +358 9 805 3213 http://www.mas-oy.com NOTICE Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. |