データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAS6501BA1ST206 データシート(PDF) 8 Page - Micro Analog systems

部品番号 MAS6501BA1ST206
部品情報  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAS [Micro Analog systems]
ホームページ  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1ST206 データシート(HTML) 8 Page - Micro Analog systems

Back Button MAS6501BA1ST206 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 9Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 10Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 11Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DA6501.001
27 October 2008
8 (16)
I
2C SERIAL INTERFACE CONTROL...
Conversion Result – Read Sequence
Table 5 presents general control sequence for
single register data read.
Table 5. MAS6501 I2C bus single register (address Ax) read sequence bits
S
AW
A
Ax
A
S
AR
A
Dx
N
P
Table 6 presents control sequence for reading the
16-bit A/D conversion result from both MSB and
LSB data registers. LSB register data (DL) can be
read right after MSB register data (DM) read since
in case the read sequence is continued (not ended
to stop condition P) the register address is
automatically incremented to point to next register
address (in this case to point to the LSB data
register).
Table 6. MAS6501 I2C bus MSB (first) and LSB (second) A/D conversion result read sequence
S
AW
A
AM
A
S
AR
A
DM
N
DL
N
P
Accuracy Improvement – Averaging
Averaging technique can be used to remove
conversion error caused by noise and thus improve
measurement accuracy. By accomplishing several
A/D conversions and taking average of the samples
it is possible to average out noise. Theoretically
noise is reduced by factor
N
where N is number
of averaged samples. A/D converter nonlinearities
cannot be removed by averaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16