データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2513B データシート(PDF) 28 Page - SMSC Corporation

部品番号 USB2513B
部品情報  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513B データシート(HTML) 28 Page - SMSC Corporation

Back Button USB2513B Datasheet HTML 24Page - SMSC Corporation USB2513B Datasheet HTML 25Page - SMSC Corporation USB2513B Datasheet HTML 26Page - SMSC Corporation USB2513B Datasheet HTML 27Page - SMSC Corporation USB2513B Datasheet HTML 28Page - SMSC Corporation USB2513B Datasheet HTML 29Page - SMSC Corporation USB2513B Datasheet HTML 30Page - SMSC Corporation USB2513B Datasheet HTML 31Page - SMSC Corporation USB2513B Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
28
SMSC USB251x
DATASHEET
I/O12
Input/Output buffer with 12 mA sink and 12 mA source.
I/OSD12
Open drain with Schmitt trigger and 12 mA sink. Meets the I2C-Bus specification,
version 2.1, requirements.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I-R
RBIAS.
I/O-U
Analog Input/Output defined in USB specification.
Table 5.3 Buffer Type Descriptions (continued)
BUFFER
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72