データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPC1916 データシート(PDF) 3 Page - Clare, Inc.

部品番号 CPC1916
部品情報  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1916 データシート(HTML) 3 Page - Clare, Inc.

  CPC1916 Datasheet HTML 1Page - Clare, Inc. CPC1916 Datasheet HTML 2Page - Clare, Inc. CPC1916 Datasheet HTML 3Page - Clare, Inc. CPC1916 Datasheet HTML 4Page - Clare, Inc. CPC1916 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1916
www.clare.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
45
40
35
30
25
20
15
10
5
0
1.250
1.254
1.258
1.262
1.266
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.212
0.216
0.220
0.228
0.224
0.232
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1.0ADC, IF=10mA)
35
30
25
20
15
10
5
0
119.1 119.6 120.0 120.6 121.1 121.6
Blocking Voltage (V
P)
122.1
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
3.5
4.5
5.5
3.0
4.0
5.0
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, T
A=25ºC, IL=5mADC, IF=10mA)
0.073
0.079
0.085
0.070
0.076
0.082
Turn-Off (ms)
25
20
15
10
5
0
0.088
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=5mADC, IF=10mA)
Typical Load Current vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Typical Leakage vs. Temperature at
Measured across Pins 3 & 4
(V
L=100V)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
131
129
127
125
123
121
119
117
115
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=100mADC)
-40
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
L=100mADC)
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=20mA
I
F=10mA
Typical Turn-On vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
6.0
5.4
4.8
4.2
3.6
3.0
2.4
1.8
1.2
0.6
0
50



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com