| データシートサーチシステム |
|
VPH5-0083-R データシート(PDF) 5 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
VPH5-0083-R データシート(HTML) 5 Page - Cooper Bussmann, Inc. |
|
5 / 8 page ![]() Mechanical Diagrams Inductance Characteristics VP5 and VPH5 AB C D E F G H I J K L M N O mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref max ref ref ref ref ref max VP5 and VPH5 21.0 21.0 28.5 0.7 10.8 2.95 0.1 0.4 17.25 2.25 3.15 22.7 29.0 3.0 0.75 TOP VIEW 1 12 2 11 3 10 1:1:1:1:1:1 D (12 PLCS) 1 6 12 7 LOGO (OPTIONAL) VPH_-____ B C A 4 9 5 8 6 7 J (12PLCS) COMPONENT SIDE K (12PLCS) O (10PLCS) N (10PLCS) M L 1 12 WHITE DOT PIN #1 6 7 FRONT VIEW H (12 PLCS) G (12 PLCS) F (2 PLCS) E I TOP VIEW 1 12 2 11 3 10 1:1:1:1:1:1 D (12 PLCS) 1 6 12 7 LOGO (OPTIONAL) VPH_-____ B C A 4 9 5 8 6 7 J (12PLCS) COMPONENT SIDE K (12PLCS) O (10PLCS) N (10PLCS) M L 1 12 WHITE DOT PIN #1 6 7 FRONT VIEW H (12 PLCS) G (12 PLCS) F (2 PLCS) E I NOTES 1) Tolerances A - I are ± 0.25 mm unless specified otherwise. 2) Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3) Marking as shown a) Dot for pin #1 identification b) On top of unit: -- VPHx-xxx (product code, size, 4 digit part number per family table.) c) On top of unit: Versa Pac Logo (optional) d) On bottom of unit: wwllyy = (date code) R = (revision level) 4) All soldering surfaces must be coplanar within 0.102 mm. OCL vs. Isat 0.0% 10.0% 20.0% 30.0% 40.0% 50.0% 60.0% 70.0% 80.0% 90.0% 100.0% 0.0% 20.0% 40.0% 60.0% 80.0% 100.0% 120.0% 140.0% 160.0% 180.0% 200.0% % of Isat ® VERSA-PAC® Inductors and Transformers (Surface Mount) |