データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4657IQT データシート(PDF) 23 Page - STMicroelectronics

部品番号 TS4657IQT
部品情報  Single supply stereo digital audio line driver with 2.2 Vrms capless outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4657IQT データシート(HTML) 23 Page - STMicroelectronics

Back Button TS4657IQT Datasheet HTML 18Page - STMicroelectronics TS4657IQT Datasheet HTML 19Page - STMicroelectronics TS4657IQT Datasheet HTML 20Page - STMicroelectronics TS4657IQT Datasheet HTML 21Page - STMicroelectronics TS4657IQT Datasheet HTML 22Page - STMicroelectronics TS4657IQT Datasheet HTML 23Page - STMicroelectronics TS4657IQT Datasheet HTML 24Page - STMicroelectronics TS4657IQT Datasheet HTML 25Page - STMicroelectronics TS4657IQT Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TS4657
Package information
23/26
5.1
QFN20 p
ackage information
Figure 52.
QFN20 package mechanical drawing
Table 11.
QFN20 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.040
A1
0.02
0.05
0.0008
0.002
A2
0.65
1.00
0.026
0.040
A3
0.25
0.010
b
0.18
0.23
0.30
0.007
0.009
0.012
D
3.85
4.00
4.15
0.152
0.157
0.163
D2
1.95
2.10
2.25
0.077
0.083
0.089
E
3.85
4.00
4.15
0.152
0.157
0.163
E2
1.95
2.10
2.25
0.077
0.083
0.089
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.35
0.55
0.75
0.014
0.022
0.030
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26