| データシートサーチシステム |
|
ICS291 データシート(PDF) 9 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS291 データシート(HTML) 9 Page - Integrated Device Technology |
|
9 / 10 page ![]() ICS291 TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER 9 ICS291 REV D 061306 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. The 291G-XX, 291G-XXLF, 291GI-XX, and 291GI-XXLF are factory programmed versions of the 291PG, 291PGLF, 291PGI, and 291PGILF. A unique “-XX” suffix is assigned by the factory for each custom configuration, and a separate data sheet is kept on file. For more information on custom part numbers programmed at the factory, please contact your local IDT sales and marketing representative. While the information presented herein has been checked for both accuracy and reliability, IDT assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. VersaClock TM is a trademark of Integrated Circuit Systems, Inc. All rights reserved. Part / Order Number Marking Shipping Packaging Package Temperature 291PG See page 7 Tubes 20-pin TSSOP 0 to +70 ° C 291PGI Tubes 20-pin TSSOP -40 to +85 ° C 291PGLF Tubes 20-pin TSSOP 0 to +70 ° C 291PGILF Tubes 20-pin TSSOP -40 to +85 ° C 291G-XX 291G-XX Tubes 20-pin TSSOP 0 to +70 ° C 291GI-XX 291GIXX Tubes 20-pin TSSOP -40 to +85 ° C 291G-XXLF 291GXXL Tubes 20-pin TSSOP 0 to +70 ° C 291GI-XXLF 291GIXXL Tubes 20-pin TSSOP -40 to +85 ° C 291G-XXT 291G-XX Tape and Reel 20-pin TSSOP 0 to +70 ° C 291GI-XXT 291GIXX Tape and Reel 20-pin TSSOP -40 to +85 ° C 291G-XXLFT 291GXXL Tape and Reel 20-pin TSSOP 0 to +70 ° C 291GI-XXLFT 291GIXXL Tape and Reel 20-pin TSSOP -40 to +85 ° C |