| データシートサーチシステム |
|
TLE8262E データシート(PDF) 85 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8262E データシート(HTML) 85 Page - Infineon Technologies AG |
|
85 / 93 page ![]() Data Sheet 85 Rev. 1.0, 2009-03-31 TLE8262E Application Information 16 Application Information Note: The following information is given only as a hint for the implementation of the device and should not be regarded as a description or warranty of a certain functionality, condition or quality of the device. Figure 40 Application Example for a Body Controller Module T1 C1 C2 C3 R1 D2 R2 C4 VS BUS1 S1 VBAT R5 WK C7 R7 CANH C8 R8 CANL R9 VSS VDD CSN CLK SDI SDO µC TxD LIN 1 RxD LIN1 TxD CAN RxD CAN INT GND VBB CS SCLK SI SO IC1 LHI IN0 IN1 IN2 IN3 IN4 IN5 VDD VBAT CSN CLK SDO SDI TxD LIN 1 RxD LIN 1 TxD CAN RxD CAN Limp home Vcc1µC C9 VDD C10 R10 Bus 1 WK VS VCC3shunt VCC3base VCC3ref Reset INT RO VDD C11 VCC2 VCCHSCAN C14 GND VIO VCC GND IC2 VCC GND IC3 VDD VS T2 VS VS LOGIC State Machine Application _information_TLE8262 E.vsd DEVICE GROUND C12 CANH SPLIT CANL S2 TEST CAN cell C13 D1 VBAT VBAT VS TLE8262 D5 R12 |