| データシートサーチシステム |
|
AT90SCR100 データシート(PDF) 189 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 データシート(HTML) 189 Page - ATMEL Corporation |
|
189 / 433 page ![]() 189 TPR0327AY–SMS–30Jan09 AT90SCR100 unsuccessful, the SCRC bit and the SCPE bit in SCISR register will be set. It will be possible to read the erroneous character. Figure 15-12. Character Transmission Diagram The SCTBI, SCTI, SCRI and SCPI bits have the same functions as SCTBE, SCTC, SCRC and SCPE bits. The first ones are able to generate interruptions if the interruptions are enabled in SCIER register while the second ones are only status bits to be used in polling mode. If the interruption mode is not used, the sta- tus bits must be used. The SCTBI, SCTI and SCRI bits do not contain valid information while their respective interrupt enable bits ESCTBI, EXCTI, ESCRI are cleared. Caution ! SCTBE SCTC SCPE SCTBI SCTI SCIBUF SCISR Register SCIIR Register Shift Register SCPI Parity Error I/O Pin Transmitted Character Parity Error SCIER.ESCTI SCIER.ESCTBI |