| データシートサーチシステム |
|
AT90SCR100 データシート(PDF) 269 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 データシート(HTML) 269 Page - ATMEL Corporation |
|
269 / 433 page ![]() 269 TPR0327AY–SMS–30Jan09 AT90SCR100 When the SPI is enabled, the data direction of the MOSI, MISO, SCK, and SS pins is overridden according to Table 20-1. Table 20-1. SPI Pin Overrides Pin Direction, Master SPI Direction, Slave SPI MOSI User Defined Input MISO Input User Defined SCK User Defined Input SS User Defined Input |