| データシートサーチシステム |
|
AT90SCR100 データシート(PDF) 315 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 データシート(HTML) 315 Page - ATMEL Corporation |
|
315 / 433 page ![]() 315 TPR0327AY–SMS–30Jan09 AT90SCR100 Figure 22-14. Formats and States in the Master Receiver Mode 22.7.3 Slave Receiver Mode In the Slave Receiver mode, a number of data bytes are received from a Master Transmitter (see Figure 22-15). All the status codes mentioned in this section assume that the prescaler bits are zero or are masked to zero. S SLA R A DATA A $08 $40 $50 SLA R $10 AP $48 A or A $38 Other master continues $38 Other master continues W A $68 Other master continues $78 $B0 To corresponding states in slave mode MR MT Successfull reception from a slave receiver Next transfer started with a repeated start condition Not acknowledge received after the slave address Arbitration lost in slave address or data byte Arbitration lost and addressed as slave DATA A n From master to slave From slave to master Any number of data bytes and their associated acknowledge bits This number (contained in TWSR) corresponds to a defined state of the Two-Wire Serial Bus. The prescaler bits are zero or masked to zero P DATA A $58 A R S |