| データシートサーチシステム |
|
AT90SCR100 データシート(PDF) 365 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 データシート(HTML) 365 Page - ATMEL Corporation |
|
365 / 433 page ![]() 365 TPR0327AY–SMS–30Jan09 AT90SCR100 Figure 28-1. Read-While-Write vs. No Read-While-Write Figure 28-2. Memory Sections The parameters in the figure above are given in Table 28-7 on page 376. Read-While-Write (RWW) Section No Read-While-Write (NRWW) Section Z-pointer Addresses RWW Section Z-pointer Addresses NRWW Section CPU is Halted During the Operation Code Located in NRWW Section Can be Read During the Operation 0x0000 0x6FFF 0x7000 0x7800 0x7C00 0x7E00 0x7FFF Program Memory BOOTSZ=’11’ Application Flash Section Boot Loader Flash Section Application Flash Section BOOTSZ=’10’ BOOTSZ=’01’ Start Boot Loader/End Application Limitation BOOTSZ=’00’ Note |