データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATmega162V-8AI データシート(PDF) 63 Page - ATMEL Corporation

部品番号 ATmega162V-8AI
部品情報  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI データシート(HTML) 63 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 59Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 60Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 61Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 62Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 63Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 64Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 65Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 66Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 324 page
background image
63
2513K–AVR–07/09
ATmega162/V
I/O-Ports
Introduction
All AVR ports have true Read-Modify-Write functionality when used as general digital I/O ports.
This means that the direction of one port pin can be changed without unintentionally changing
the direction of any other pin with the SBI and CBI instructions. The same applies when chang-
ing drive value (if configured as output) or enabling/disabling of pull-up resistors (if configured as
input). Each output buffer has symmetrical drive characteristics with both high sink and source
capability. The pin driver is strong enough to drive LED displays directly. All port pins have indi-
vidually selectable pull-up resistors with a supply-voltage invariant resistance. All I/O pins have
protection diodes to both V
CC and Ground as indicated in Figure 28. Refer to “Electrical Charac-
teristics” on page 264 for a complete list of parameters.
Figure 28. I/O Pin Equivalent Schematic
All registers and bit references in this section are written in general form. A lower case “x” repre-
sents the numbering letter for the port, and a lower case “n” represents the bit number. However,
when using the register or bit defines in a program, the precise form must be used. For example,
PORTB3 for bit no. 3 in Port B, here documented generally as PORTxn. The physical I/O Regis-
ters and bit locations are listed in “Register Description for I/O-Ports” on page 82.
Three I/O memory address locations are allocated for each port, one each for the Data Register
– PORTx, Data Direction Register – DDRx, and the Port Input Pins – PINx. The Port Input Pins
I/O location is read only, while the Data Register and the Data Direction Register are read/write.
In addition, the Pull-up Disable – PUD bit in SFIOR disables the pull-up function for all pins in all
ports when set.
Using the I/O port as General Digital I/O is described in “Ports as General Digital I/O” on page
63. Most port pins are multiplexed with alternate functions for the peripheral features on the
device. How each alternate function interferes with the port pin is described in “Alternate Port
Functions” on page 68. Refer to the individual module sections for a full description of the alter-
nate functions.
Note that enabling the alternate function of some of the port pins does not affect the use of the
other pins in the port as general digital I/O.
Ports as General
Digital I/O
The ports are bi-directional I/O ports with optional internal pull-ups. Figure 29 shows a functional
description of one I/O-port pin, here generically called Pxn.
C
pin
Logic
R
pu
See figure
"General Digital I/O" for
details
Pxn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More