| データシートサーチシステム |
|
AT45DB161D データシート(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161D データシート(HTML) 39 Page - ATMEL Corporation |
|
39 / 56 page ![]() 39 3500M–DFLASH–04/09 AT45DB161D 21.6 Reset Timing Note: The CS signal should be in the high state before the RESET signal is deasserted. 21.7 Command Sequence for Read/Write Operations for Page Size 512 Bytes (Except Status Register Read, Manufacturer and Device ID Read) 21.8 Command Sequence for Read/Write Operations for Page Size 528 Bytes (Except Status Register Read, Manufacturer and Device ID Read) CS SCK RESET SO (OUTPUT) HIGH IMPEDANCE HIGH IMPEDANCE SI (INPUT) tRST tREC tCSS SI (INPUT) CMD 8 bits 8 bits 8 bits Page Address (A20 - A9) X X X X X X X X X X X X X X X X LSB X X X X X X X X Byte/Buffer Address (A8 - A0/BFA8 - BFA0) MSB Don’t Care Bits Page Address (PA11 - PA0) Byte/Buffer Address (BA9 - BA0/BFA9 - BFA0) SI (INPUT) CMD 8 bits 8 bits 8 bits X X X X X X X X X X X X LSB X X X X X X X X MSB 2 Don’t Care Bits X X X X |