データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCA8X0 データシート(PDF) 34 Page - VTI technologies

部品番号 SCA8X0
部品情報  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VTI [VTI technologies]
ホームページ  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 データシート(HTML) 34 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 27Page - VTI technologies SCA8X0 Datasheet HTML 28Page - VTI technologies SCA8X0 Datasheet HTML 29Page - VTI technologies SCA8X0 Datasheet HTML 30Page - VTI technologies SCA8X0 Datasheet HTML 31Page - VTI technologies SCA8X0 Datasheet HTML 32Page - VTI technologies SCA8X0 Datasheet HTML 33Page - VTI technologies SCA8X0 Datasheet HTML 34Page - VTI technologies SCA8X0 Datasheet HTML 35Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
34/35
www.vti.fi
Doc. Nr. 82 694 00 C
Recommended PWB pad layout is presented in the Figure 12 below (dimensions in mm).
Figure 12:
Component pad layout
6.7
Assembly instructions
The Moisture Sensitivity Level (MSL) of the component is 3 according to the IPC/JEDEC J-STD-
020C. Please refer to the document "TN53 Assembly Instructions for Dual Flat Lead Package" for
more detailed information of the assembly.
6.8
Tape and reel specifications
Please refer to the document "TN53 Assembly Instructions for Dual Flat Lead Package" for tape
and reel specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35