データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT45DB321D データシート(PDF) 46 Page - ATMEL Corporation

部品番号 AT45DB321D
部品情報  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D データシート(HTML) 46 Page - ATMEL Corporation

Back Button AT45DB321D_09 Datasheet HTML 42Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 43Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 44Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 45Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 46Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_09 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
46
3597N–DFLASH–04/09
AT45DB321D
25. Auto Page Rewrite Flowchart
Figure 25-1. Algorithm for Programming or Reprogramming of the Entire Array Sequentially
Notes: 1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by-
page.
2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer
to Main Memory Page Program operation.
3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page
within the entire array.
START
MAIN MEMORY PAGE PROGRAM
THROUGH BUFFER
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER TO MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57