| データシートサーチシステム |
|
AT89LP4052 データシート(PDF) 75 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP4052 データシート(HTML) 75 Page - ATMEL Corporation |
|
75 / 94 page ![]() 75 3547J–MICRO–10/09 AT89LP2052/LP4052 23.5.2 Power-down Sequence Execute this sequence to power-down the device after serial programming. 1. Tri-state MOSI (P1.5). 2. Bring SCK (P1.7) to “L”. 3. Bring RST to “L”. 4. Bring SS (P1.4) to “L” 5. Power off Vcc. Figure 23-23. Serial Programming Power-down Sequence Note: The waveforms on this page are not to scale. 23.5.3 ISP Start Sequence Execute this sequence to enter ISP when the device is already operational. 1. Bring SS (P1.4) to “H”. 2. Tri-state MISO (P1.6). 3. Bring RST to “H”. 4. Bring SCK (P1.7) to “L”. Figure 23-24. In-System Programming (ISP) Start Sequence VCC RST SS SCK HIGH Z MISO HIGH Z MOSI VCC RST SS SCK HIGH Z MOSI HIGH Z MISO XTAL1 |