| データシートサーチシステム |
|
ICS1893 データシート(PDF) 130 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 130 Page - Integrated Circuit Systems |
|
130 / 152 page ![]() ICS1893 Rev C 6/6/00 June, 2000 130 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.4 100M MII / 100M Stream Interface: Synchronous Transmit Timing Table 10-11 lists the significant time periods for the 100M MII / 100M Stream Interface synchronous transmit timing. The time periods consist of timings of signals on the following pins: • TXCLK • TXD[3:0] • TXEN • TXER Figure 10-5 shows the timing diagram for the time periods. Figure 10-5. 100M MII / 100M Stream Interface Synchronous Transmit Timing Diagram Table 10-11. 100M MII / 100M Stream Interface: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 15 – – ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 – – ns t1 t2 TXCLK TXD[3:0] TXEN TXER |