| データシートサーチシステム |
|
ICS1893 データシート(PDF) 132 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 132 Page - Integrated Circuit Systems |
|
132 / 152 page ![]() ICS1893 Rev C 6/6/00 June, 2000 132 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.6 MII / 100M Stream Interface: Synchronous Receive Timing Table 10-13 lists the significant time periods for the MII / 100M Stream Interface synchronous receive timing. The time periods consist of timings of signals on the following pins: • RXCLK • RXD[3:0] • RXDV • RXER Figure 10-7 shows the timing diagram for the time periods. Figure 10-7. MII / 100M Stream Interface Synchronous Receive Timing Diagram Table 10-13. MII / 100M Stream Interface: Synchronous Receive Timing Time Period Parameter Min. Typ. Max. Units t1 RXD[3:0], RXDV, and RXER Setup to RXCLK Rise 10.0 – – ns t2 RXD[3:0], RXDV, and RXER Hold after RXCLK Rise 10.0 – – ns t1 t2 RXCLK RXD[3:0] RXDV RXER |