| データシートサーチシステム |
|
ICS1893 データシート(PDF) 145 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 145 Page - Integrated Circuit Systems |
|
145 / 152 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893 Rev C 6/6/00 June, 2000 145 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.19 10Base-T: Heartbeat Timing (SQE) Table 10-26 lists the significant time periods for the 10Base-T heartbeat (that is, the Signal Quality Error). The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • COL Figure 10-20 shows the timing diagram for the time periods. Note: 1. For more information on 10Base-T SQE operations, see Section 7.5.10, “10Base-T Operation: SQE Test”. 2. In 10Base-T mode, one bit time = 100 ns. Figure 10-20. 10Base-T Heartbeat (SQE) Timing Diagram Table 10-26. 10Base-T Heartbeat (SQE) Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 COL Heartbeat Assertion Delay from TXEN De-Assertion 10Base-T Half Duplex – 850 1500 ns t2 COL Heartbeat Assertion Duration 10Base-T Half Duplex – 1000 1500 ns t2 t1 TXEN TXCLK COL |