| データシートサーチシステム |
|
ICS1893 データシート(PDF) 146 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 146 Page - Integrated Circuit Systems |
|
146 / 152 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893 Rev C 6/6/00 June, 2000 146 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.20 10Base-T: Jabber Timing Table 10-27 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of signals on the following pins: • TXEN • TP_TX (that is, TP_TXP and TP_TXN) • COL Figure 10-21 shows the timing diagram for the time periods. Note: For more information on 10Base-T jabber operations, see Section 7.5.9, “10Base-T Operation: Jabber”. Figure 10-21. 10Base-T Jabber Timing Diagram Table 10-27. 10Base-T Jabber Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Jabber Activation Time 10Base-T Half Duplex 20 – 35 ms t2 Jabber De-Activation Time 10Base-T Half Duplex 300 – 325 ms TXEN TP_TX COL t1 t2 |