| データシートサーチシステム |
|
R5F64112DFB データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112DFB データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 105 page ![]() REJ03B0227-0110 Rev.1.10 Sep 17, 2009 Page 29 of 99 R32C/111 Group 1. Overview Notes: 1. Pins CLK4, RXD4, TXD4, SDA4, SCL4, SRXD4, and STXD4 are available in the 80-pin package only. 2. Pins AN0_4 to AN0_7, ANEX0 and ANEX1 are available in the 80-pin package only. Table 1.20 Pin Definitions and Functions for the 80-/64-pin Package (2/3) Function Symbol I/O Description Serial interface (1) CTS0 to CTS3, CTS5, CTS8 I Handshake input RTS0 to RTS3, RTS5, RTS8 O Handshake output CLK0 to CLK5, CLK8 I/O Transmit/receive clock input/output RXD0 to RXD5, RXD8 I Serial data input TXD0 to TXD5, TXD8 O Serial data output. TXD2 output is N-channel open drain I2C bus (simplified) (1) SDA0 to SDA5 I/O Serial data input/output. SDA2 output is N-channel open drain SCL0 to SCL5 I/O Transmit/receive clock input/output. SCL2 output is N-channel open drain Serial interface special functions (1) STXD0 to STXD5 O Serial data output in slave mode. STXD2 is N-channel open drain SRXD0 to SRXD5 I Serial data input in slave mode SS0 to SS3, SS5 I Input to control serial interface special functions A/D converter (2) AN_0 to AN_7 AN0_0 to AN0_7 AN2_0 to AN2_7 I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter |