データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F6411FDFP データシート(PDF) 29 Page - Renesas Technology Corp

部品番号 R5F6411FDFP
部品情報  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP データシート(HTML) 29 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 25Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 26Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 27Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 28Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 29Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 30Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 31Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 32Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 29 of 99
R32C/111 Group
1. Overview
Notes:
1.
Pins CLK4, RXD4, TXD4, SDA4, SCL4, SRXD4, and STXD4 are available in the 80-pin package
only.
2.
Pins AN0_4 to AN0_7, ANEX0 and ANEX1 are available in the 80-pin package only.
Table 1.20
Pin Definitions and Functions for the 80-/64-pin Package (2/3)
Function
Symbol
I/O
Description
Serial interface (1) CTS0 to CTS3,
CTS5, CTS8
I
Handshake input
RTS0 to RTS3,
RTS5, RTS8
O
Handshake output
CLK0 to CLK5,
CLK8
I/O
Transmit/receive clock input/output
RXD0 to RXD5,
RXD8
I
Serial data input
TXD0 to TXD5,
TXD8
O
Serial data output.
TXD2 output is N-channel open drain
I2C bus
(simplified) (1)
SDA0 to SDA5
I/O
Serial data input/output.
SDA2 output is N-channel open drain
SCL0 to SCL5
I/O
Transmit/receive clock input/output.
SCL2 output is N-channel open drain
Serial interface
special functions
(1)
STXD0 to STXD5
O
Serial data output in slave mode.
STXD2 is N-channel open drain
SRXD0 to SRXD5
I
Serial data input in slave mode
SS0 to SS3, SS5
I
Input to control serial interface special functions
A/D converter (2)
AN_0 to AN_7
AN0_0 to AN0_7
AN2_0 to AN2_7
I
Analog input for the A/D converter
ADTRG
I
External trigger input for the A/D converter
ANEX0
I/O
Expanded analog input for the A/D converter and output in
external op-amp connection mode
ANEX1
I
Expanded analog input for the A/D converter
D/A converter
DA0
O
Output for the D/A converter
Reference voltage
input
VREF
I
Reference voltage input for the A/D converter and D/A
converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More