| データシートサーチシステム |
|
AT91SAM7X512 データシート(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7X512 データシート(HTML) 39 Page - ATMEL Corporation |
|
39 / 687 page ![]() 39 6120H–ATARM–17-Feb-09 AT91SAM7X512/256/128 Preliminary 11. ARM7TDMI Processor Overview 11.1 Overview The ARM7TDMI core executes both the 32-bit ARM® and 16-bit Thumb® instruction sets, allow- ing the user to trade off between high performance and high code density.The ARM7TDMI processor implements Von Neuman architecture, using a three-stage pipeline consisting of Fetch, Decode, and Execute stages. The main features of the ARM7tDMI processor are: • ARM7TDMI Based on ARMv4T Architecture • Two Instruction Sets –ARM ® High-performance 32-bit Instruction Set –Thumb ® High Code Density 16-bit Instruction Set • Three-Stage Pipeline Architecture – Instruction Fetch (F) – Instruction Decode (D) – Execute (E) |