| データシートサーチシステム |
|
R32C117 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C117 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 110 page ![]() REJ03B0254-0100 Rev.1.00 Nov 19, 2009 Page 21 of 108 R32C/117 Group 1. Overview Notes: 1. Pins AN15_0 to AN15_7 are available in the 144-pin package only. 2. Pins OUTC2_3 to OUTC2_7 are available in the 144-pin package only. Table 1.16 Pin Definitions and Functions (4/4) Function Symbol I/O Description A/D converter AN_0 to AN_7 AN0_0 to AN0_7 AN2_0 to AN2_7 AN15_0 to AN15_7 (1) I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0, DA1 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter Intelligent I/O IIO0_0 to IIO0_7 I/O Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable UD0A, UD0B, UD1A, UD1B I Input for the two-phase encoder OUTC2_0 to OUTC2_7 (2) O Output for OC (output compare) of the Intelligent I/O group 2 ISCLK2 I/O Clock input/output for the serial interface ISRXD2 I Receive data input for the serial interface ISTXD2 O Transmit data output for the serial interface IEIN I Receive data input for the serial interface IEOUT O Transmit data output for the serial interface Multi-master I2C- bus MSDA I/O Serial data input/output MSCL I/O Transmit/receive clock input/output CAN Module CAN0IN I Receive data input for the CAN communications CAN0OUT O Transmit data output for the CAN communications CAN0WU I Input for the CAN wake-up interrupt |