データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATtiny261-ESXZ データシート(PDF) 78 Page - ATMEL Corporation

部品番号 ATtiny261-ESXZ
部品情報  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ データシート(HTML) 78 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 74Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 75Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 76Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 77Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 78Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 79Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 80Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 81Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 227 page
background image
78
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14.6.1
Input Capture Trigger Source
The default trigger source for the Input Capture unit is the Input Capture pin (ICP0).
Timer/Counter0 can alternatively use the Analog Comparator output as trigger source for the
Input Capture unit. The Analog Comparator is selected as trigger source by setting the Analog
Comparator Input Capture Enable (ACIC0) bit in the Timer/Counter Control Register A
(TCCR0A). Be aware that changing trigger source can trigger a capture. The Input Capture Flag
must therefore be cleared after the change.
Both the Input Capture pin (ICP0) and the Analog Comparator output (ACO) inputs are sampled
using the same technique as for the T0 pin (Figure 13-1 on page 72). The edge detector is also
identical. However, when the noise canceler is enabled, additional logic is inserted before the
edge detector, which increases the delay by four system clock cycles. An Input Capture can also
be triggered by software by controlling the port of the ICP0 pin.
14.6.2
Noise Canceler
The noise canceler improves noise immunity by using a simple digital filtering scheme. The
noise canceler input is monitored over four samples, and all four must be equal for changing the
output that in turn is used by the edge detector.
The noise canceler is enabled by setting the Input Capture Noise Canceler (ICNC0) bit in
Timer/Counter Control Register B (TCCR0B). When enabled the noise canceler introduces addi-
tional four system clock cycles of delay from a change applied to the input, to the update of the
ICR0 Register. The noise canceler uses the system clock and is therefore not affected by the
prescaler.
14.6.3
Using the Input Capture Unit
The main challenge when using the Input Capture unit is to assign enough processor capacity
for handling the incoming events. The time between two events is critical. If the processor has
not read the captured value in the ICR0 Register before the next event occurs, the ICR0 will be
overwritten with a new value. In this case the result of the capture will be incorrect.
When using the Input Capture interrupt, the ICR0 Register should be read as early in the inter-
rupt handler routine as possible. The maximum interrupt response time is dependent on the
maximum number of clock cycles it takes to handle any of the other interrupt requests.
Measurement of an external signal’s duty cycle requires that the trigger edge is changed after
each capture. Changing the edge sensing must be done as early as possible after the ICR0
Register has been read. After a change of the edge, the Input Capture Flag (ICF0) must be
cleared by software (writing a logical one to the I/O bit location). For measuring frequency only,
the trigger edge change is not required (if an interrupt handler is used).
14.7
Output Compare Unit
The comparator continuously compares Timer/Counter (TCNT0) with the Output Compare Reg-
isters (OCR0A and OCR0B), and whenever the Timer/Counter equals to the Output Compare
Registers, the comparator signals a match. A match will set the Output Compare Flag at the next
timer clock cycle. In 8-bit mode the match can set either the Output Compare Flag OCF0A or
OCF0B, but in 16-bit mode the match can set only the Output Compare Flag OCF0A as there is
only one Output Compare Unit. If the corresponding interrupt is enabled, the Output Compare
Flag generates an Output Compare interrupt. The Output Compare Flag is automatically cleared
when the interrupt is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More