| データシートサーチシステム |
|
ATtiny261-15MZ データシート(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261-15MZ データシート(HTML) 51 Page - ATMEL Corporation |
|
51 / 227 page ![]() 51 7753C–AVR–07/09 ATtiny261/ATtiny461/ATtiny861 Address Labels Code Comments 0x0000 rjmp RESET ; Reset Handler 0x0001 rjmp EXT_INT0 ; IRQ0 Handler 0x0002 rjmp PCINT ; PCINT Handler 0x0003 rjmp TIM1_COMPA ; Timer1 CompareA Handler 0x0004 rjmp TIM1_COMPB ; Timer1 CompareB Handler 0x0005 rjmp TIM1_OVF ; Timer1 Overflow Handler 0x0006 rjmp TIM0_OVF ; Timer0 Overflow Handler 0x0007 rjmp USI_START ; USI Start Handler 0x0008 rjmp USI_OVF ; USI Overflow Handler 0x0009 rjmp EE_RDY ; EEPROM Ready Handler 0x000A rjmp ANA_COMP ; Analog Comparator Handler 0x000B rjmp ADC ; ADC Conversion Handler 0x000C rjmp WDT ; WDT Interrupt Handler 0x000D rjmp EXT_INT1 ; IRQ1 Handler 0x000E rjmp TIM0_COMPA ; Timer0 CompareA Handler 0x000F rjmp TIM0_COMPB ; Timer0 CompareB Handler 0x0010 rjmp TIM0_CAPT ; Timer0 Capture Event Handler 0x0011 rjmp TIM1_COMPD ; Timer1 CompareD Handler 0x0012 rjmp FAULT_PROTECTION ; Timer1 Fault Protection 0x0013 RESET: ldi r16, low(RAMEND) ; Main program start 0x0014 ldi r17, high(RAMEND); Tiny861 have also SPH 0x0015 out SPL, r16 ; Set Stack Pointer to top of RAM 0x0016 out SPH, r17 ; Tiny861 have also SPH 0x0017 sei ; Enable interrupts 0x0018 <instr> xxx ... ... ... ... |