| データシートサーチシステム |
|
R5F2136CANFP データシート(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CANFP データシート(HTML) 27 Page - Renesas Technology Corp |
|
27 / 57 page ![]() R8C/36A Group 5. Electrical Characteristics REJ03B0265-0110 Rev.1.10 Sep 28, 2009 Page 27 of 55 Under development Preliminary specification Specifications in this manual are tentative and subject to change. 5. Electrical Characteristics Table 5.1 Absolute Maximum Ratings Symbol Parameter Condition Rated Value Unit VCC/AVCC Supply voltage −0.3 to 6.5 V VI Input voltage −0.3 to VCC + 0.3 V VO Output voltage −0.3 to VCC + 0.3 V Pd Power dissipation −40°C ≤ Topr ≤ 85°C500 mW Topr Operating ambient temperature −20 to 85 (N version) °C Tstg Storage temperature −65 to 150 °C |