| データシートサーチシステム |
|
M16C/56D データシート(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/56D データシート(HTML) 17 Page - Renesas Technology Corp |
|
17 / 85 page ![]() REJ03B0307-0110 Rev.1.10 Dec 01, 2009 Page 17 of 83 M16C/5LD Group, M16C/56D Group 1. Overview Note 1. There is Can module only in the M16C/5LD group. Table 1.12 Pin Functions (64-Pin and 80-Pin Packages) Signal Name Pin Name I/O Description Reference voltage input VREF I Reference voltage input pin for the A/D converter. A/D converter AN_0 to AN_7 I Analog input pins for the A/D converter AN0_0 to AN0_3 AN2_4 AN3_0 to AN3_2 I ADTRG I Low active input pin for an external A/D trigger Timer S INPC1_0 to INPC1_7 I Input pins for time measurement function OUTC1_0 to OUTC1_7 O Output pins for waveform generating function CAN Module (1) CRX0 I Input pin for CAN communication CTX0 O Output pin for CAN communication I/O port P0_0 to P0_3 P1_5 to P1_7 P2_0 to P2_7 P3_0 to P3_3 P6_0 to P6_7 P7_0 to P7_7 P8_0 to P8_7 P9_0 to P9_3 P10_0 to P10_7 I/O CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. Pull-up resistor is selectable for every unit of 4 input ports. |