| データシートサーチシステム |
|
ATmega16A データシート(PDF) 92 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16A データシート(HTML) 92 Page - ATMEL Corporation |
|
92 / 352 page ![]() 92 8154B–AVR–07/09 ATmega16A the main code and the interrupt code update the temporary register, the main code must disable the interrupts during the 16-bit access. The following code examples show how to do an atomic read of the TCNT1 Register contents. Reading any of the OCR1A/B or ICR1 Registers can be done by using the same principle. Note: 1. See “About Code Examples” on page 7. The assembly code example returns the TCNT1 value in the r17:r16 register pair. The following code examples show how to do an atomic write of the TCNT1 Register contents. Writing any of the OCR1A/B or ICR1 Registers can be done by using the same principle. Assembly Code Example(1) TIM16_ReadTCNT1: ; Save global interrupt flag in r18,SREG ; Disable interrupts cli ; Read TCNT1 into r17:r16 in r16,TCNT1L in r17,TCNT1H ; Restore global interrupt flag out SREG,r18 ret C Code Example (1) unsigned int TIM16_ReadTCNT1( void ) { unsigned char sreg; unsigned int i; /* Save global interrupt flag */ sreg = SREG; /* Disable interrupts */ _CLI(); /* Read TCNT1 into i */ i = TCNT1; /* Restore global interrupt flag */ SREG = sreg; return i; } |