| データシートサーチシステム |
|
ATVaultIC460-R データシート(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATVaultIC460-R データシート(HTML) 6 Page - ATMEL Corporation |
|
6 / 30 page ![]() 6 TPR0441BX–SMS–09/09 ATVaultIC460 1.6.3 Part Number 1.6.4 Starter Kit The ATVaultIC Starter Kit provides an easy path to master the cryptographic and secure data storage features of the ATVaultIC secure modules. The content is : • ATVaultIC460 samples with 1 dedicated test socket • ATVaultIC460 USB dongles • 1 CD-ROM containing a support documentation set (getting started, application notes, reference design), some demo applications to get an insight into the ATVaultIC features, the ”AT98 Manager” tool to design the file system and to personalize samples, a hardware independent cryptographic API with source code. 1.6.5 Demo Kit TBD Reference Description ATVaultIC460-Z ATVaultIC460 chip in QFN44 package ATVaultIC460-R ATVaultIC460 chip in SOIC8 package (USB, SPI/I²C or ISO7816 configuration) ATVaultIC-STK02-460Z Starter Kit for ATVaultIC460 in QFN44 package ATVaultIC-STK02-460R Starter Kit for ATVaultIC460 in SOIC8 package |