データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPS-05A-50R0MLF データシート(PDF) 2 Page - American Accurate Components, Inc.

部品番号 PPS-05A-50R0MLF
部品情報  POWER SPLITTER - High Precision Power Chip Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAC [American Accurate Components, Inc.]
ホームページ  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

PPS-05A-50R0MLF データシート(HTML) 2 Page - American Accurate Components, Inc.

  PPS-05A-50R0MLF Datasheet HTML 1Page - American Accurate Components, Inc. PPS-05A-50R0MLF Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
POWER SPLITTER – High Precision Power Chip Divider
The content of this specification may change without notification 10/23/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
*** Custom Designs Available
DERATING CURVE – Circuit A
DERATING CURVE – Circuit B
DIMENSIONS (mm)
Series
L
W
a
b
t
PPS-05A
1.00 ± 0.2
0.50 ± 0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-16A
1.60 ± 0.2
0.80 ± 0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-10A
2.00 ± 0.2
1.25±0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-18A
3.20 ± 0.2
1.60 ± 0.2
0.3 ± 0.1
0.35 ± 0.1
0.4 ± 0.10
PPS-12A
0.50 ± 0.2
2.5 ± 0.2
0.35 ± 0.1
0.65 ± 0.1
0.8 ± 0.15
SCHEMATIC LEGEND
SCHEMATIC – Circuit A
1. Thin Film Resistor
2. Overcoat Resin
3. Terminal (SnPb or Lead Free)
4. Marking (dot to indicate direction & bar)
5. Alumina Substrate
PERFORMANCE
Item
Test Condition
Tolerance
Short Time Overload
2.5 times of the rated voltage shall be applied for 5 seconds.
±0.1%
Rated Load Life
Apply rated voltage for 90 min followed by a pause of 30 min at 70±3°C for 1000 hours.
±0.25%
Moisture Load Life
The chip divider is applied rated voltage for 90 min at 60±2°C 90~95%RH for 1000 hours.
±0.25%
Temperature Cycle
[-55°C (30min)-R.T.(3min)-+125°C(30min)-R.T.(3min)] is repeated 5 cycles.
±0.1%
Soldering Heat Resistance
Leave NR in melt solder of 260±5°C for 10±1 seconds.
±0.1%
Strength Between Terminals
Distance between fulcrums : 90mm; Bending width : 3mm; Substrate: Glass epoxy t=1.6mm
±0.1%
Solderability
Leave NR in melted solder of 235±5°C for 3±0.5 seconds.
≥95% of the surface should be wet
Insulation Resistance
A minute after 500 DC
≥ 1000M Ω



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com