| データシートサーチシステム |
|
NFS110 データシート(PDF) 1 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
NFS110 データシート(HTML) 1 Page - Emerson Network Power |
|
1 / 5 page ![]() 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 Embedded Power for Business-Critical Continuity NFS110 Series Single & Quad output Special Features • 7.0 x 4.25 x 1.8 inch package • Overvoltage and short circuit protection • 110 W with 20 CFM • Adjustable outputs • EN55022, EN55011 conducted emissions level B • UL, VDE and CSA safety approvals • CE mark • Available RoHS compliant • 2 year warranty Total Power: 80 - 110 W Input Voltage: 85 - 264 Vac 120 - 370 Vdc # of Outputs: Single, quad Safety • VDE0805/EN60950/ • IEC950/IEC1010 File No. 10401-3336-0213 • Licence No. 4001467 7 • UL1950 File No. E132002 • CSA C22.2 No. 950 File No. LR41062C Rev. 11.2.09_69 NFS110 Series 1 of 5 Electrical Specifications All specifications are typical at nominal input, full load at 25 °C unless otherwise stated Output Voltage adjustability: +5.1 V o/p on multi’s 5.1 V single output 12 V single output 15 V single output 24 V single output 3.0% 3.0% 12 - 14 V 15 - 18 V 24 - 30 V Line regulation: LL to HL, FL All outputs on all units ±0.1% max. Overshoot/undershoot: At turn-on 0% Temperature coefficient: All outputs ±0.02%/°C Overvoltage protection: Multi o/p 5.1 V only 5.1 V single output 12 V single output 15 V single output 24 V single output 6.25 V ± 0.75 V 6.25 V ± 0.75 V 15.75 V ± 1.0 V 22 V ± 1.5 V 33 V ± 2.5 V Output power limit: Primary power limited Pin max. 160 W Pout min. 110 W Minimum output current: (See Note 13) 0 A Short circuit protection: Burst mode operation Input Input voltage range: 85 - 264 Vac 120 - 370 Vdc Input frequency range: 47 - 440 Hz Input surge current: 230 Vac 35 A Safety ground leakage current: 110 Vac, 50 Hz 230 Vac, 50 Hz 0.2 mA, max. 0.4 mA, max. |
同様の部品番号 - NFS110 |
|
同様の説明 - NFS110 |