データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NLU1G00 データシート(PDF) 6 Page - ON Semiconductor

部品番号 NLU1G00
部品情報  Single 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G00 データシート(HTML) 6 Page - ON Semiconductor

  NLU1G00 Datasheet HTML 1Page - ON Semiconductor NLU1G00 Datasheet HTML 2Page - ON Semiconductor NLU1G00 Datasheet HTML 3Page - ON Semiconductor NLU1G00 Datasheet HTML 4Page - ON Semiconductor NLU1G00 Datasheet HTML 5Page - ON Semiconductor NLU1G00 Datasheet HTML 6Page - ON Semiconductor NLU1G00 Datasheet HTML 7Page - ON Semiconductor NLU1G00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NLU1G00
http://onsemi.com
6
PACKAGE DIMENSIONS
ULLGA6 1.0x1.0, 0.35P
CASE 613AD−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.35
1
MOUNTING FOOTPRINT
PKG
OUTLINE



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com