データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD064VT4 データシート(PDF) 13 Page - AZ Displays

部品番号 PD064VT4
部品情報  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 データシート(HTML) 13 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 9Page - AZ Displays PD064VT4 Datasheet HTML 10Page - AZ Displays PD064VT4 Datasheet HTML 11Page - AZ Displays PD064VT4 Datasheet HTML 12Page - AZ Displays PD064VT4 Datasheet HTML 13Page - AZ Displays PD064VT4 Datasheet HTML 14Page - AZ Displays PD064VT4 Datasheet HTML 15Page - AZ Displays PD064VT4 Datasheet HTML 16Page - AZ Displays PD064VT4 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:13
7-6) Vertical Display Position
Mode
Hsync
Vsync
V-Start Position
V-Display
Remark
VGA-480
Positive / Negative
Positive / Negative
34
480 lines
VGA-400
Negative
Positive
17
400 lines
Note 7-7
VGA-350
Positive
Negative
30
350 lines
Note 7-8
Note 7-7 :As the format is VGA-400 (Hsync = Negative , Vsync = Positive) , LCD module will adjust
the display area to the center of display . At this time , both of the upper and lower display
areas have 40 blanking lines (the display color is black) . The actual display area is center
400 lines .
40 B la n k in g Line s
40 0 D is p la y Line s
40 B la n k in g Line s
Note 7-8 : As the format is VGA-350 (Hsync = Positive, Vsync = Negative) , LCD module will adjust
the display area to the center of display . At this time , both of the upper and lower display
areas have 65 blanking lines (the display color is black) . The actual display area is center
350 lines .
65 Blanking Lines
350 Display Lines
65Blanking Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22