| データシートサーチシステム |
|
PD064VT5_V1.5 データシート(PDF) 16 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD064VT5_V1.5 データシート(HTML) 16 Page - AZ Displays |
|
16 / 24 page ![]() PD064VT5 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:16 9. Optical Characteristic 9-1) Specification : Ta=25 Parameter Symbol Condition MIN. TYP. MAX. Unit Remarks Horizontal 21, 22 45 50 - deg 12 10 15 - deg Viewing Angle Vertical 11 CR 10 30 35 - deg Note 9-1 Contrast Ratio CR At optimized Viewing angle 200 400 - - Note 9-2 Rise Tr - 15 30 ms Response time Fall Tf =0 - 25 50 ms Note 9-4 Brightness L =0 350 400 - cd/ Note 9-3 Transmission Ratio T =0 6.7 7.2 - % Uniformity U 75 80 - % Note 9-5 Cross Talk - =0 - - 3 % Note 9-6 x 0.264 0.294 0.324 - White Chromaticity y =0 0.276 0.308 0.338 - Note 9-3 Lamp Life Time - +25 50,000 - - hr Note 9-1 : The definitions of viewing angle diagrams : |